|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F S11ME5/S11ME6/S21ME5F S21ME5/S21ME6/S21ME6F s Features 1. Internal isolation distance : 0.4mm or more 2. Creepage distance : 6.4mm or more 3. Clearance : 6.4mm or more 4. Recogized by UL file No. E64380 Approved by VDE ( DIN-VDE0884 : No.76850 ) Approved by BSI ( BS415 : No.6690, BS7002 : No.7421 ) Approved by SEMKO ( No.9202227 ) Approved by DEMKO ( No.107968 ) Approved by EI ( No.152029-02,03,04,0116 ) 5. Built-in zero-cross circuit ( S11ME6/S21ME6/S21ME6F ) 6. Wide forming type ( S21ME5F, S21ME6F ) ( Distance between lead pins : 10.16 mm) 7. High isolation voltage between input and output ( Viso : 5 000Vrms ) Phototriac Coupler Conformable to European Safety Standard g Lead forming type ( I type) of / S21ME5F/ S21ME6F are also available. ( / S21ME5FI/ S21ME6FI) g DIN-VDE0884 approved type is also available as an option. s Outline Dimensions S11ME5/S11ME6 S21ME5/S21ME6 1.2 0.3 0.9 0.3 1.2 0.3 0.9 0.3 ( Unit : mm ) S21ME5F/S21ME6F Anode mark 2.54 0.25 4.58 0.5 1 Anode mark 4 S21ME5 4.58 0.5 4.58 0.5 3.5 0.5 0.26 0.1 10.16 0.5 2.7MIN 0.5 0.1 2.54 0.25 3 6.5 0.5 S11ME5 2 6.5 0.5 7.62 0.3 4.58 0.5 3.5 0.5 7.62 0.3 2.7MIN : 0 to 13 3.4 0.5 0.26 0.1 0.5 0.1 Internal connection diagram S11ME5/S21ME5/S21ME5F 4 3 0.5 S11ME6/S21ME6/S21ME6F 4 3 s Applications 1. For triggering medium/high power triac 2. For detecting over voltage of switching power supply 2 1 1 Anode 2 Cathode 3 Anode/ Cathode 4 Anode/ Cathode 1 2 Zero-cross circuit s Absolute Maximum Ratings Input Parameter Forward current Reverse voltage RMS ON-state current 1 Peak one cycle surge current S11ME5 / S11ME6 Repetitive peak 2 OFF-state voltage S21ME5 /S21ME6 3 Isolation voltage Operating temperature Storage temperature 4 Soldering temperature Symbol IF VR IT Isurge VDRM Viso Topr Tstg Tsol Rating 50 6 100 1.2 400 600 5 000 - 30 to + 100 - 55 to + 125 260 ( Ta = 25C ) Unit mA V mArms A V Vrms C C C Output 1 50Hz sine wave 2 Also S21ME5F/ S21ME6F 3 40 to 60% RH, AC for 1 minute, f = 60Hz 4 For 10 seconds " In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device." S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F s Electro-optical Characteristics Input Parameter Forward voltage Reverse current Repetitive peak OFF-state current ON-state voltage Holding current Critical rate of rise of OFF-state voltage 5 Zero-cross voltage Minimum trigger current Isolation resistance Turn-on time Symbol VF IR I DRM VT IH dV/dt VOX IFT RISO t on MIN. Conditions IF = 20mA VR = 3V VDRM = Rated IT = 100mA 0.1 VD = 6V VDRM = ( 1/ 2 ) * Rated 100 Resistance load, I F = 15mA RL = 100 , VD = 6V DC = 500V, 40 to 60% RH 5 x 1010 VD = 6V, R L = 100 , I F = 20mA TYP. 1.2 1011 - ( Ta = 25C ) MAX. 1.4 10 - 5 10 - 6 2.5 3.5 35 10 100 Unit V A A V mA V/ s V mA s Output Transfer characteristics 5 S11ME6 , S21ME6 , S21ME6F Fig. 1 RMS ON-state Current vs. Ambient Temperature 120 RMS ON-state current I T ( mA rms ) Fig. 2 Forward Current vs. Ambient Temperature 70 60 Forward current I F ( mA ) 50 40 30 20 10 0 - 30 100 80 60 40 20 0 -30 0 20 40 60 80 Ambient temperature T a ( C ) 100 0 25 75 100 50 Ambient temperature T a ( C ) 125 Fig. 3 Forward Current vs. Forward Voltage Fig. 4 Minimum Trigger Current vs. Ambient Temperature 12 V D = 6V RL = 100 100 50 T a = 75C 50C 25C 0C - 25C Minimum trigger current I FT ( mA ) 10 Forward current I F ( mA ) 8 S11ME5 S21ME5/5F 6 S11ME6 S21ME6/6F 20 10 5 4 2 1 0.9 2 0 - 30 1.0 1.1 1.2 1.3 Forward voltage V F ( V ) 1.4 1.5 0 20 40 60 80 Ambient temperature T a ( C ) 100 S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F Fig. 5 Relative Repetitive Peak OFF-State Voltage vs. Ambient Temperature 1.3 Relative repetitive peak OFF-state voltage V DRM ( Tj = T a ) /V DRM ( Tj = 25C) Fig. 6 ON-state Voltage vs. Ambient Temperature 2.2 I T = 100mA S11ME6 S21ME6/6F 1.2 ON-state voltage V T ( V ) S11ME6 S21ME6/6F 2.0 1.1 1.8 1.0 S11ME5 S21ME5/5F 1.6 0.9 1.4 S11ME5 S21ME5/5F 0.8 0.7 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 1.2 1.0 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 Fig. 7 Holding Current vs. Ambient Temperature 20 V D = 6V 10 Holding current I H ( mA ) 5 Fig. 8-a Repetitive Peak OFF-state Current vs. OFF-state Voltage (S21ME5/S21ME5F ) 2 Repetitive peak OFF-state current I DRM ( A ) 10 - 9 5 T a = 25C 2 2 1 0.5 S11ME6 S21ME6/6F 10 - 10 5 S11ME5 S21ME5/5F 0.2 0.1 0 20 40 60 Ambient temperature T a ( C ) 80 100 2 10 - 11 100 200 300 400 500 OFF-state voltage V D ( V ) 600 Fig. 8-b Repetitive Peak OFF-state Current vs. OFF-state Voltage (S21ME6/S21ME6F ) 2 Fig. 9-a Repetitive Peak OFF-state Current vs. Ambient Temperature ( S11ME5/S21ME5/S21ME5F) -7 10 Repetitive peak OFF-state current I DRM ( A ) V D = Rated 10 -8 10 -9 S11ME5 S21ME5/5F Repetitive peak OFF-state current I DRM ( A ) 10 -6 5 T a = 25C 2 10 -7 5 10 -10 10 -11 2 10 -12 -30 0 20 40 60 80 100 10 -11 100 200 300 400 500 (V) 600 OFF-state voltage V D Ambient temperature T a ( C ) S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F Fig. 9-b Repetitive Peak OFF-state Current vs. Ambient Temperature (S11ME6/S21ME6/S21ME6F ) 10 - 4 Repetitive peak OFF-state current I DRM ( A ) V D = Rated 10 - 5 10 - 9 S21ME6/6F Turn-on time t on ( s ) Fig.10 Turn-on Time vs. Forward Current 100 V D = 6V RL = 100 I F = 20mA S11ME5 S21ME5/5F 10 - 10 S11ME6 10 S11ME6 S21ME6/6F 10 - 11 10 - 12 -30 0 20 40 60 80 Ambient temperature T a ( C ) 100 1 1 10 Forward current I 100 F ( mA ) Fig11. Zero-cross Voltage vs. Ambient Temperature (S11ME6/S21ME6/S21ME6F ) 30 R load I F = 15mA Zero-cross voltage VOX ( V ) Fig.12 ON-state Current vs. ON-state Voltage 100 90 80 ON-state current I T ( mA ) 70 60 50 40 30 20 10 0 S11ME6 S21ME6/6F S11ME5 S21ME5/5F I F = 15mA T a = 25C 25 20 - 30 0 20 40 Ambient temperature T a 60 ( C ) 80 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 ON-state voltage V T ( V) q Please refer to the chapter " Precautions for Use." ( Page 78 to 93 ) . |
Price & Availability of S21ME6 |